PART |
Description |
Maker |
AS5C4008F-35 AS5C4008F-35_H AS5C4008F-35_LH AS5C40 |
512K x 8 SRAM SRAM MEMORY ARRAY 512K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, LCC-32 512K X 8 STANDARD SRAM, 17 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 35 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 512K X 8 STANDARD SRAM, 12 ns, CDIP32 512K X 8 STANDARD SRAM, 25 ns, CQCC32 512K X 8 STANDARD SRAM, CDSO32 512K X 8 STANDARD SRAM, 15 ns, CDSO32 512K X 8 STANDARD SRAM, 12 ns, CDFP32
|
Austin Semiconductor, Inc Micross Components AUSTIN SEMICONDUCTOR INC
|
AS7C33512PFS32_36A AS7C33512PFS36A-166TQIN AS7C335 |
3.3V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS8F512K32Q-90/CT AS8F512K32Q-90/IT AS8F512K32Q-90 |
128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, CPGA66 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, CQFP68 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 35 ns, CQFP68 512K x 32 FLASH FLASH MEMORY ARRAY 512K X 32 FLASH 5V PROM MODULE, 90 ns, CQFP68 512K x 32 FLASH FLASH MEMORY ARRAY 512K X 32 FLASH 5V PROM MODULE, 120 ns, CQFP68 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 17 ns, CQFP68 128K x 32 SRAM SRAM MEMORY ARRAY 128K X 32 MULTI DEVICE SRAM MODULE, 20 ns, CQFP68
|
Austin Semiconductor, Inc
|
GS88018BT-133 GS88018BT-133I GS88018BT-150 GS88018 |
133MHz 8.5ns 512K x 18 9Mb sync burst SRAM 150MHz 7.5ns 512K x 18 9Mb sync burst SRAM 166MHz 7ns 512K x 18 9Mb sync burst SRAM 200MHz 6.5ns 512K x 18 9Mb sync burst SRAM 225MHz 6ns 512K x 18 9Mb sync burst SRAM 250MHz 5.5ns 512K x 18 9Mb sync burst SRAM
|
GSI Technology
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C33512NTF18A AS7C33512NTF18A.V.1.1 AS7C33512NTF |
3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 512K X 18 ZBT SRAM, 10 ns, PQFP100 3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 512K X 18 ZBT SRAM, 7.5 ns, PQFP100 From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS5SP512K18DQ AS5SP512K18DQ-30ET AS5SP512K18DQ-30I |
512K X 18 CACHE SRAM, 4 ns, PQFP100 Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
|
MICROSS COMPONENTS Austin Semiconductor
|
AS7C25512NTD32_36A AS7C25512NTD32A AS7C25512NTD32A |
NTD? Sync SRAM - 2.5V 2.5V 512K x 32/36 Pipelined SRAM with NTD 512K X 32 ZBT SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor Corp... ALSC Alliance Semiconductor Corporation Alliance Semiconductor, Corp.
|
CY7C1365V25 |
512K x 18 Flowthrough SRAM(512K x 18 流通式 SRAM) 直通为512k × 18的SRAM(为512k × 18流通式的SRAM
|
Cypress Semiconductor Corp.
|
AS8SF384K32 AS8SF384K32QT-35_IT AS8SF384K32QT-35_M |
128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
|
Austin Semiconductor
|
HM66AEB18205 HM66AEB18205BP-33 HM66AEB18205BP-30 H |
Memory>Fast SRAM>QDR SRAM 36-Mbit DDR II SRAM Separate I/O 2-word Burst
|
Renesas Technology / Hitachi Semiconductor
|
|